PART |
Description |
Maker |
OP07D OP07DN OP07DR-REEL OP07DR-REEL7 OP07DR OP07D |
Ultralow Offset Voltage Operational Amplifier; Package: SOIC 150 MIL; No of Pins: 8; Temperature Range: Industrial OP-AMP, 350 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDSO8 150 μV Maximum Offset Voltage Op Amp 150 渭V Maximum Offset Voltage Op Amp 150 レV Maximum Offset Voltage Op Amp
|
Analog Devices, Inc.
|
FLT012A0 FLT012A0SZ FLT012A0Z |
75Vdc Input Voltage Maximum; 12A Output Current Maximum
|
Lineage Power Corporation
|
AD8036-EB AD8037-EB AD8037ACHIPS AD8036ACHIPS AD80 |
Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps MB 26C 26#20 PIN PLUG Connector assemblies, Test RoHS Compliant: Yes Low Distortion/ Wide Bandwidth Voltage Feedback Clamp Amps
|
Analog Devices, Inc.
|
BAR43A |
Fast switching Verylow turn-on voltage Maximum Repetitive Reverse Voltage 30V
|
TY Semiconductor Co., L...
|
FT3000AV-80 FT3000AV FT3000AV-60 FT3000AV-70 |
Clamp-On Meter; DMM Type:Clamp; Calibrated:No RoHS Compliant: NA CURRENT CLAMP, EARTH LEAKAGE; RoHS Compliant: NA Phase Control SCR 3000 Amperes Avg 3000-4000 Volts
|
POWEREX[Powerex Power Semiconductors]
|
KSH07048S1V2AH KSH07048S1V2AL KSH07048S1V2BH KSH07 |
Half brick DC/DC converter. Open frame/positive logic. Output power 84W. Output voltage 1.2V. Output current maximum 70A. Input current 2.13A. Half brick DC/DC converter. Open frame/negative logic. Output power 84W. Output voltage 1.2V. Output current maximum 70A. Input current 2.13A. Half brick DC/DC converter. Baseplate/positive logic. Output power 84W. Output voltage 1.2V. Output current maximum 70A. Input current 2.13A. Half brick DC/DC converter. Baseplate/negative logic. Output power 84W. Output voltage 1.2V. Output current maximum 70A. Input current 2.13A. Half brick DC/DC converter. Open frame/positive logic. Output power 105W. Output voltage 1.5V. Output current maximum 70A. Input current 2.57A. Half brick DC/DC converter. Open frame/negative logic. Output power 105W. Output voltage 1.5V. Output current maximum 70A. Input current 2.57A. Half brick DC/DC converter. Baseplate/positive logic. Output power 105W. Output voltage 1.5V. Output current maximum 70A. Input current 2.57A. Half brick DC/DC converter. Baseplate/negative logic. Output power 105W. Output voltage 1.5V. Output current maximum 70A. Input current 2.57A. Half brick DC/DC converter. Open frame/positive logic. Output power 126W. Output voltage 1.8V. Output current maximum 70A. Input current 3.02A. Half brick DC/DC converter. Open frame/negative logic. Output power 126W. Output voltage 1.8V. Output current maximum 70A. Input current 3.02A. Half brick DC/DC converter. Baseplate/positive logic. Output power 126W. Output voltage 1.8V. Output current maximum 70A. Input current 3.02A. Half brick DC/DC converter. Baseplate/negative logic. Output power 126W. Output voltage 1.8V. Output current maximum 70A. Input current 3.02A. Half brick DC/DC converter. Open frame/positive logic. Output power 175W. Output voltage 2.5V. Output current maximum 70A. Input current 4.10A. Half brick DC/DC converter. Open frame/negative logic. Output power 175W. Output voltage 2.5V. Output current maximum 70A. Input current 4.10A. Half brick DC/DC converter. Baseplate/positive logic. Output power 175W. Output voltage 2.5V. Output current maximum 70A. Input current 4.10A. Half brick DC/DC converter. Baseplate/negative logic. Output power 175W. Output voltage 2.5V. Output current maximum 70A. Input current 4.10A. Half brick DC/DC converter. Open frame/positive logic. Output power 231W. Output voltage 3.3V. Output current maximum 70A. Input current 5.35A. Half brick DC/DC converter. Open frame/negative logic. Output power 231W. Output voltage 3.3V. Output current maximum 70A. Input current 5.35A. Half brick DC/DC converter. Baseplate/positive logic. Output power 231W. Output voltage 3.3V. Output current maximum 70A. Input current 5.35A. Half brick DC/DC converter. Baseplate/negative logic. Output power 231W. Output voltage 3.3V. Output current maximum 70A. Input current 5.35A. Half brick DC/DC converter. Open frame/positive logic. Output power 225W. Output voltage 5.0V. Output current maximum 45A. Input current 5.27A. Half brick DC/DC converter. Open frame/negative logic. Output power 225W. Output voltage 5.0V. Output current maximum 45A. Input current 5.27A. Half brick DC/DC converter. Baseplate/positive logic. Output power 225W. Output voltage 5.0V. Output current maximum 45A. Input current 5.27A. Half brick DC/DC converter. Baseplate/negative logic. Output power 225W. Output voltage 5.0V. Output current maximum 45A. Input current 5.27A.
|
International Power Sources
|
FSV240AF |
Low Forward Voltage Drop: 0.5 V Maximum at 2 A
|
Fairchild Semiconductor
|
CT136 |
Contact Form: 1a Load Voltage: 60V Maximum
|
Coto Technology
|
CT774 |
Contact Form: 1a 1b Load Voltage: 400V Maximum
|
Coto Technology
|
UCLAMP3311P |
Low Voltage Clamp
|
Semtech Corporation
|
1N3070 1N3070TR |
Maximum Repetitive Reverse Voltage Small Signal Diode
|
FAIRCHILD[Fairchild Semiconductor]
|